Part Number Hot Search : 
RATION PH103 OV7251 1N4001 S7241 PB4006 S6X8BS 24VDC
Product Description
Full Text Search
 

To Download KMM5328000CK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DRAM MODULE
KMM5328000CK/CKG KMM5328100CK/CKG
KMM5328000CK/CKG & KMM5328100CK/CKG with Fast Page Mode 8M x 32 DRAM SIMM using 4Mx4, 4K/2K Refresh, 5V
GENERAL DESCRIPTION
The Samsung KMM53280(1)00CK is a 8Mx32bits Dynamic RAM high density memory module. The Samsung KMM53280(1)00CK consists of sixteen CMOS 4Mx4bits DRAMs in 24-pin SOJ package mounted on a 72-pin glassepoxy substrate. A 0.1 or 0.22uF decoupling capacitor is mounted on the printed circuit board for each DRAM. The KMM53280(1)00CK is a Single In-line Memory Module with edge connections and is intended for mounting into 72 pin edge connector sockets.
FEATURES
* Part Identification - KMM5328000CK(4096 cycles/64ms Ref, SOJ, Solder) - KMM5328000CKG(4096 cycles/64ms Ref, SOJ, Gold) - KMM5328100CK(2048 cycles/32ms Ref, SOJ, Solder) - KMM5328100CKG(2048 cycles/32ms Ref, SOJ, Gold) * Fast Page Mode Operation * CAS-before-RAS refresh capability * RAS-only and Hidden refresh capability * TTL compatible inputs and outputs * Single +5V10% power supply * JEDEC standard PDPin & pinout * PCB : Height(1000mil), double sided component
PERFORMANCE RANGE
Speed -5 -6
tRAC
50ns 60ns
tCAC
13ns 15ns
tRC
90ns 110ns
PIN CONFIGURATIONS
Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 Symbol VSS DQ0 DQ16 DQ1 DQ17 DQ2 DQ18 DQ3 DQ19 Vcc NC A0 A1 A2 A3 A4 A5 A6 A10 DQ4 DQ20 DQ5 DQ21 DQ6 DQ22 DQ7 DQ23 A7 A11 Vcc A8 A9 RAS1 RAS0 NC NC Pin 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 Symbol NC NC Vss CAS0 CAS2 CAS3 CAS1 RAS0 RAS1 NC W NC DQ8 DQ24 DQ9 DQ25 DQ10 DQ26 DQ11 DQ27 DQ12 DQ28 Vcc DQ29 DQ13 DQ30 DQ14 DQ31 DQ15 NC PD1 PD2 PD3 PD4 NC Vss
PIN NAMES
Pin Name A0 - A11 A0 - A10 DQ0 - DQ31 W RAS0, RAS1 CAS0 - CAS3 PD1 -PD4 Vcc Vss NC Function Address Inputs(4K Ref) Address Inputs(2K Ref) Data In/Out Read/Write Enable Row Address Strobe Column Address Strobe Presence Detect Power(+5V) Ground No Connection
PRESENCE DETECT PINS (Optional)
Pin PD1 PD2 PD3 PD4 50NS NC Vss Vss Vss 60NS NC Vss NC NC
* Pin connection changing available
SAMSUNG ELECTRONICS CO., LTD. reserves the right to change products and specifications without notice.
* NOTE : A11 is used for only KMM5328000CK/CKG (4K ref.)
DRAM MODULE
FUNCTIONAL BLOCK DIAGRAM
CAS0 CAS RAS OE DQ1 U0 DQ2 DQ3 A0W A11(A10) DQ4 DQ1 DQ2 DQ3 A0A11(A10) DQ4 DQ0-DQ3
KMM5328000CK/CKG KMM5328100CK/CKG
RAS0
DQ1 DQ2 U8 DQ3 A0DQ4A11(A10) DQ1 U9 DQ2 DQ3 A0DQ4A11(A10)
W
CAS RAS OE
RAS1
DQ4-DQ7
CAS RAS OE
U1 W
W
CAS RAS OE
CAS1 CAS RAS OE DQ1 U2 DQ2 DQ3 A0W A11(A10) DQ4 DQ1 U3 DQ2 DQ3 A0W A11(A10) DQ4
DQ8-DQ11
DQ1 U10 DQ2 DQ3 A0DQ4A11(A10) W DQ1 U11 DQ2 DQ3 A0DQ4A11(A10) W
CAS RAS OE
DQ12-DQ15
CAS RAS OE
CAS RAS OE
CAS2 CAS RAS OE DQ1 U4 DQ2 DQ3 A0W A11(A10) DQ4 DQ1 DQ2 DQ3 A0A11(A10) DQ4
DQ16-DQ19
DQ1 U12 DQ2 DQ3 A0DQ4A11(A10) W DQ1 U13 DQ2 DQ3 A0DQ4A11(A10) W
CAS RAS OE
DQ20-DQ23
CAS RAS OE
U5 W
CAS RAS OE
CAS3 CAS RAS OE DQ1 U6 DQ2 DQ3 A0W A11(A10) DQ4 DQ1 DQ2 DQ3 A0A11(A10) DQ4
DQ24-DQ27
DQ1 U14 DQ2 DQ3 A0DQ4A11(A10) W DQ1 U15 DQ2 DQ3 A0DQ4A11(A10) W
CAS RAS OE
DQ28-DQ31
CAS RAS OE W A0-A11(A10) Vcc
U7 W
CAS RAS OE
.1 or .22uF Capacitor for each DRAM Vss
To all DRAMs
DRAM MODULE
ABSOLUTE MAXIMUM RATINGS *
Item Voltage on any pin relative to VSS Voltage on VCC supply relative to VSS Storage Temperature Power Dissipation Short Circuit Output Current Symbol VIN, VOUT VCC Tstg Pd IOS
KMM5328000CK/CKG KMM5328100CK/CKG
Rating -1 to +7.0 -1 to +7.0 -55 to +150 16 50 Unit V V C W mA
* Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. Functional operation should be restricted to the conditions as detailed in the operational sections of this data sheet. Exposure to absolute maximum rating conditions for intended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS (Voltage referenced to VSS, TA = 0 to 70C)
Item Supply Voltage Ground Input High Voltage Input Low Voltage *1 : VCC+2.0V/20ns, Pulse width is measured at VCC. *2 : -2.0V/20ns, Pulse width is measured at VSS. Symbol VCC VSS VIH VIL Min 4.5 0 2.4 -1.0*2 Typ 5.0 0 Max 5.5 0 VCC+1*1 0.8 Unit V V V V
DC AND OPERATING CHARACTERISTICS (Recommended operating conditions unless otherwise noted)
Symbol ICC1 ICC2 ICC3 ICC4 ICC5 ICC6 II(L) IO(L) VOH VOL ICC1 ICC2 ICC3 ICC4 ICC5 ICC6 II(L) IO(L) VOH VOL Speed -5 -6 Dont care -5 -6 -5 -6 Dont care -5 -6 Dont care Dont care KMM5328000CK/CKG Min
-
KMM5328100CK/CKG Min
-
Max 736 656 32 736 656 656 576 16 736 656 80 10 0.4
Max 896 816 32 896 816 736 656 16 896 816 80 10 0.4
Unit mA mA mA mA mA mA mA mA mA mA uA uA V V
-80 -10 2.4 -
-80 -10 2.4 -
: Operating Current * (RAS, CAS, Address cycling @tRC=min) : Standby Current (RAS=CAS=W=VIH) : RAS Only Refresh Current * (CAS=VIH, RAS cycling @tRC=min) : Fast Page Mode Current * (RAS=VIL, CAS Address cycling : tPC=min) : Standby Current (RAS=CAS=W=Vcc-0.2V) : CAS-Before-RAS Refresh Current * (RAS and CAS cycling @tRC=min) : Input Leakage Current (Any input 0VINVcc+0.5V, all other pins not under test=0 V) : Output Leakage Current(Data Out is disabled, 0VVOUTVcc) : Output High Voltage Level (IOH = -5mA) : Output Low Voltage Level (IOL = 4.2mA)
* NOTE : ICC1, ICC3, ICC4 and ICC6 are dependent on output loading and cycle rates. Specified values are obtained with the output open. ICC is specified as an average current. In ICC1 and ICC3, address can be changed maximum once while RAS=VIL. In ICC4, address can be changed maximum once within one page mode cycle, tPC.
DRAM MODULE
CAPACITANCE (TA = 25E, VCC=5V, f = 1MHz)
Item Input capacitance[A0-A11(A10)] Input capacitance[W] Input capacitance[RAS0, RAS1] Input capacitance[CAS0 - CAS3] Input/Output capacitance[DQ0-31] Symbol CIN1 CIN2 CIN3 CIN4 CDQ Min
-
KMM5328000CK/CKG KMM5328100CK/CKG
Max 100 130 70 30 20 Unit pF pF pF pF pF
AC CHARACTERISTICS (0CTA70C, VCC=5.0V10%. See notes 1,2.)
Test condition : Vih/Vil=2.4/0.8V, Voh/Vol=2.4/0.4V, Output loading CL=100pF Parameter Random read or write cycle time Access time from RAS Access time from CAS Access time from column address CAS to output in Low-Z Output buffer turn-off delay Transition time(rise and fall) RAS precharge time RAS pulse width RAS hold time CAS hold time CAS pulse width RAS to CAS delay time RAS to column address delay time CAS to RAS precharge time Row address set-up time Row address hold time Column address set-up time Column address hold time Column address to RAS lead time Read command set-up time Read command hold time referenced to CAS Read command hold time referenced to RAS Write command hold time Write command pulse width Write command to RAS lead time Write command to CAS lead time Data-in set-up time Data-in hold time Refresh period (4K Ref) Refresh period (2K Ref) Write command set-up time CAS setup time(CAS-before-RAS refresh) CAS hold time(CAS-before-RAS refresh) RAS precharge to CAS hold time Symbol -5 Min 90 50 13 25 0 0 3 30 50 13 50 13 20 15 5 0 10 0 10 25 0 0 0 10 10 13 13 0 10 64 32 0 5 10 5 0 5 10 5 10K 37 25 10K 13 50 0 0 3 40 60 15 60 15 20 15 5 0 10 0 10 30 0 0 0 10 10 15 15 0 15 64 32 10K 45 30 10K 15 50 Max Min 110 60 15 30 -6 Max Unit ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ms ms ns ns ns ns 7 9 9 8 8 4 10 3,4 3,4,5 3,10 3 6 2 Note
tRC tRAC tCAC tAA tCLZ tOFF tT tRP tRAS tRSH tCSH tCAS tRCD tRAD tCRP tASR tRAH tASC tCAH tRAL tRCS tRCH tRRH tWCH tWP tRWL tCWL tDS tDH tREF tREF tWCS tCSR tCHR tRPC
DRAM MODULE
AC CHARACTERISTICS (0CTA70C, VCC=5.0V10%. See notes 1,2.)
Test condition : Vih/Vil=2.4/0.8V, Voh/Vol=2.4/0.4V, Output loading CL=100pF Parameter Access time from CAS precharge Fast page mode cycle time CAS precharge time(Fast page cycle) RAS pulse width(Fast page cycle) W to RAS precharge time(C-B-R refresh) W to RAS hold time(C-B-R refresh) CAS precharge(C-B-R counter test) Symbol -5 Min 35 10 50 10 10 20 200K Max 30
KMM5328000CK/CKG KMM5328100CK/CKG
-6 Min 40 10 60 10 10 20 200K Max 35
Unit ns ns ns ns ns ns ns
Note 3
tCPA tPC tCP tRASP tWRP tWRH tCPT
NOTES
1. An initial pause of 200us is required after power-up followed by any 8 RAS-only or CAS-before-RAS refresh cycles before proper device operation is achieved. 2. VIH(min) and VIL(max) are reference levels for measuring timing of input signals. Transition times are measured between VIH(min) and VIL(max) and are assumed to be 5ns for all inputs. 3. Measured with a load equivalent to 2 TTL loads and 100pF. 4. Operation within the tRCD(max) limit insures that tRAC(max) can be met. tRCD(max) is specified as a reference point only. If tRCD is greater than the specified tRCD(max) limit, then access time is controlled exclusively by tCAC. 5. Assumes that tRCDtRCD(max). 6. This parameter defines the time at which the output achieves the open circuit condition and is not referenced to VOH or VOL. 7. tWCS is non-restrictive operating parameter. It is included in the data sheet as electrical characteristics only. If tWCStWCS(min), the cycle is an early write cycle and the data out pin will remain high impedance for the duration of the cycle. 8. Either tRCH or tRRH must be satisfied for a read cycle. 9. These parameter are referenced to the CAS leading edge in early write cycles. 10. Operation within the tRAD(max) limit insures that tRAC(max) can be met. tRAD(max) is specified as reference point only. If tRAD is greater than the specified tRAD(max) limit, then access time is controlled by tAA.
DRAM MODULE
READ CYCLE
KMM5328000CK/CKG KMM5328100CK/CKG
tRC tRAS
RAS VIH VIL -
tRP
tCSH tCRP
CAS VIH VIL -
tRCD
tRSH tCAS tRAL tCAH
COLUMN ADDRESS
tCRP
tRAD tASR
A VIH VIL -
tRAH
tASC
ROW ADDRESS
tRCS
W VIH VIL -
tRCH tRRH tAA tCAC tCLZ
DATA-OUT
tOFF
DQ
VOH VOL -
tRAC OPEN
Dont care Undefined
DRAM MODULE
WRITE CYCLE ( EARLY WRITE )
NOTE : DOUT = OPEN
KMM5328000CK/CKG KMM5328100CK/CKG
tRAS
RAS VIH VIL -
tRC
tRP
tCSH tCRP
CAS VIH VIL -
tRCD
tRSH tCAS tRAL tCAH
COLUMN ADDRESS
tCRP
tRAD tASR
A VIH VIL -
tRAH
tASC
ROW ADDRESS
tCWL tRWL tWCS
W VIH VIL -
tWCH tWP
tDS
DQ VIH VIL -
tDH
DATA-IN
Dont care Undefined
DRAM MODULE
FAST PAGE READ CYCLE
NOTE : DOUT = OPEN
KMM5328000CK/CKG KMM5328100CK/CKG
tRASP
RAS VIH VIL o
tRP tRHCP
tCRP
CAS VIH VIL -
tPC tRCD tCAS tRAD tASC tCSH tCAH
COLUMN ADDRESS
tCP tCAS
o
tCP
tRSH tCAS
tASR
A VIH VIL ROW ADDR
tRAH
tASC
tCAH
o o
tASC
tCAH
COLUMN ADDRESS
COLUMN ADDRESS
tRRH tRCS
W VIH VIL -
tRCH
tRCS
o
tRCS
tRCH
tCAC tAA tRAC tCLZ
VALID DATA-OUT
tCAC tAA tOFF tCLZ
VALID DATA-OUT
tCAC tAA tOFF tCLZ
VALID DATA-OUT
tOFF
DQ
VOH VOL -
Dont care Undefined
DRAM MODULE
FAST PAGE WRITE CYCLE ( EARLY WRITE )
NOTE : DOUT = OPEN
KMM5328000CK/CKG KMM5328100CK/CKG
tRASP
RAS VIH VIL o
tRP tRHCP
tCRP
CAS VIH VIL -
tPC tRCD tCAS tRAD tASC tCP tCAS
o
tPC tCP tRSH tCAS
tASR
A VIH VIL -
tRAH
tCSH tCAH
COLUMN ADDRESS
tASC
tCAH
o o
tASC
tCAH
ROW ADDR
COLUMN ADDRESS
COLUMN ADDRESS
tWCS
W VIH VIL -
tWCH tWP tCWL
tWCS tWP
tWCH
o
tWCS
tWCH tWP tCWL tRWL tDH
tCWL tDS tDH
o
tDS
DQ VIH VIL -
tDH
tDS
VALID DATA-IN
VALID DATA-IN
o
VALID DATA-IN
Dont care Undefined
DRAM MODULE
RAS - ONLY REFRESH CYCLE
NOTE : W, OE, DIN = Dont care DOUT = OPEN tRC
KMM5328000CK/CKG KMM5328100CK/CKG
tRAS
RAS VIH VIL -
tRP
tCRP
CAS VIH VIL -
tRPC
tCRP
tASR
A VIH VIL ROW ADDR
tRAH
CAS - BEFORE - RAS REFRESH CYCLE
NOTE : OE, A = Dont care tRC tRP
RAS VIH VIL -
tRAS
tRP
tRPC tCP tRPC tCSR tWRP tWRH tCHR
CAS
VIH VIL -
W
VIH VIL -
tOFF
DQ VOH VOL -
OPEN
Dont care Undefined
DRAM MODULE
HIDDEN REFRESH CYCLE ( READ )
KMM5328000CK/CKG KMM5328100CK/CKG
tRC tRAS
RAS VIH VIL -
tRC tRP tRAS tRP
tCRP
CAS VIH VIL -
tRCD
tRSH
tCHR
tRAD tASR
A VIH VIL -
tRAH
tASC
tCAH
COLUMN ADDRESS
ROW ADDRESS
tWRH tRCS
W VIH VIL -
tRRH
tWRP
tAA tCAC tCLZ
DATA-OUT
tOFF
tRAC
DQ VOH VOL -
OPEN
Dont care Undefined
DRAM MODULE
HIDDEN REFRESH CYCLE ( WRITE )
NOTE : DOUT = OPEN
KMM5328000CK/CKG KMM5328100CK/CKG
tRC
RAS VIH VIL -
tRC tRP tRAS tRP
tRAS
tCRP
CAS VIH VIL -
tRCD tRAD
tRSH
tCHR
tASR
A VIH VIL -
tRAH
tASC
tCAH
COLUMN ADDRESS
ROW ADDRESS
tWRH tWRP
W VIH VIL -
tWCS tWP
tWCH
tDS
DQ VIH VIL -
tDH
DATA-IN
Dont care Undefined
DRAM MODULE
CAS-BEFORE-RAS REFRESH COUNTER TEST CYCLE
KMM5328000CK/CKG KMM5328100CK/CKG
tRP
RAS VIH VIL VIH VIL -
tRAS tCPT tCHR tRSH tCAS tRAL tASC tCAH
tCSR
CAS
A
VIH VIL -
COLUMN ADDRESS
READ CYCLE
W VIH VIL -
tWRP
tWRH
tRCS
tAA tCAC
tRRH tRCH
DQ
VOH VOL -
tCLZ
DATA-OUT
tOFF
WRITE CYCLE
W VIH VIL -
tWRP
tWRH tWCS
tRWL tCWL tWCH tWP tDS tDH
DATA-IN
DQ
VIH VIL -
OPEN
Dont care Undefined
NOTE : This timing diagram is applied to all devices besides 16M DRAM 4th & 64M DRAM.
DRAM MODULE
CAS - BEFORE - RAS SELF REFRESH CYCLE
NOTE : OE, A = Dont care
KMM5328000CK/CKG KMM5328100CK/CKG
tRP
RAS VIH VIL -
tRASS
tRPS tRPC tCHS
tRPC tCP
CAS
VIH VIL -
tCSR
tOFF
DQ VOH VOL -
OPEN tWRP tWRH
W
VIH VIL -
TEST MODE IN CYCLE
NOTE : OE, A = Dont care
tRC tRP
RAS VIH VIL -
tRAS
tRP
tRPC tCP tRPC tCSR tWTS tWTH tCHR
CAS
VIH VIL -
W
VIH VIL -
tOFF
DQ VOH VOL -
OPEN
Dont care Undefined
DRAM MODULE
PACKAGE DIMENSIONS
KMM5328000CK/CKG KMM5328100CK/CKG
Units : Inches (millimeters)
4.250(107.95) 3.984(101.19) .133(3.38) R.062(1.57) .125 DIA.002(3.18.051)
.400(10.16) 1.00(25.40) .250(6.35)
.080(2.03) .250(6.35)
.250(6.35) 3.750(95.25)
R.062.004(R1.57.10)
.125(3.17) MIN
( Front view )
( Back view )
Gold & Solder Plating Lead
.350(8.89) MAX
.010(.25)MAX
.100(2.54) MIN .225(5.71) MIN .041.004(1.04.10) .054(1.37) .047(1.19)
.050(1.27)
Tolerances : .005(.13) unless otherwise specified NOTE : The used device are 4Mx4 F/P DRAM, SOJ DRAM Part No. : KMM5328000CK/CKG -- KM44C4000CK (300mil) KMM5328100CK/CKG -- KM44C4100CK (300mil) Revision History Rev 0.0 : Aug. 1997


▲Up To Search▲   

 
Price & Availability of KMM5328000CK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X